Electronic Components Datasheet Search |
|
A6TN-8101 Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
A6TN-8101 Datasheet(HTML) 1 Page - Omron Electronics LLC |
1 / 2 page 1 A6TN Slide DIP Switch Knife-edge Structure with High Contact Pressure Mechanism Assures High reliability ■ Knife-edge structure enables washing without seal. ■ Improved solder heat resistance (peak solder tem- perature: 265 °C). Ordering Information ■ List of Models Tube packaging type Note: Order in multiples of the package quantity. Specifications ■ Ratings/Characteristics RoHS Compliant Type and color of actuator Flat actuator (white) Raised actuator (white) No.of poles Quantity per tube 1 100 A6TN-1101 A6TN-1104 260 A6TN-2101 A6TN-2104 345 A6TN-3101 A6TN-3104 435 A6TN-4101 A6TN-4104 530 A6TN-5101 A6TN-5104 625 A6TN-6101 A6TN-6104 720 A6TN-7101 A6TN-7104 820 A6TN-8101 A6TN-8104 915 A6TN-9101 A6TN-9104 10 15 A6TN-0101 A6TN-0104 Rating 25 mA at 24 VDC, 10 μA (minimum current) at 3.5 VDC Ambient operating temperature -30 to 85 °C at 60% max. (with no icing or condensation) Ambient operating humidity 35% to 95% (at 5 to 35 °C) Insulation resistance 100 M Ω min. (at 100 VDC) Contact resistance 200 m Ω max. (initial value) Dielectric strength 300 VAC for 1 min between terminals Vibration resistance Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Shock resistance Malfunction: 490 m/s2 min. Durability Electrical: 1,000 operations min. Operating force 0.98 to 7.9 N {100 to 806 gf} Weight 0.31 g (2 poles) 0.58 g (4 poles) 0.84 g (6 poles) 1.1 g (8 poles) 1.36 g (10 poles) |
Similar Part No. - A6TN-8101 |
|
Similar Description - A6TN-8101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |