Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC465 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC465
Description  GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC465 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC465 Datasheet HTML 1Page - Hittite Microwave Corporation HMC465 Datasheet HTML 2Page - Hittite Microwave Corporation HMC465 Datasheet HTML 3Page - Hittite Microwave Corporation HMC465 Datasheet HTML 4Page - Hittite Microwave Corporation HMC465 Datasheet HTML 5Page - Hittite Microwave Corporation HMC465 Datasheet HTML 6Page - Hittite Microwave Corporation HMC465 Datasheet HTML 7Page - Hittite Microwave Corporation HMC465 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
2 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Outline Drawing
Absolute Maximum Ratings
noTes:
1. All dimensions in inches [millimeTers]
2. no connecTion reQUired for UnlAbeled bond pAds
3. die Thickness is 0.004 (0.100)
4. TYpicAl bond pAd is 0.004 (0.100) sQUAre
5. bAckside meTAlliZATion: gold
6. bAckside meTAl is groUnd
7. bond pAd meTAliZATion: gold
drain bias voltage (vdd)
+9v
gate bias voltage (vgg1)
-2 to 0v
gate bias current (igg1)
+3.2mA
gate bias voltage (vgg2)
(vdd -8) v to +3 vdc
gate bias current (igg2)
+3.2mA
rf input power (rfin)(vdd = +8v)
+23 dbm
channel Temperature
175 °c
continuous pdiss (T = 85 °c)
(derate 24 mW/°c above 85 °c)
2.17 W
Thermal resistance
(channel to die bottom)
41.5 °c/W
storage Temperature
-65 to +150 °c
operating Temperature
-55 to +85 °c
vdd (v)
idd (mA)
+7.5
161
+8.0
160
+8.5
159
Typical Supply Current vs. Vdd
elecTrosTATic sensiTive device
observe hAndling precAUTions
Die Packaging Information [1]
standard
Alternate
gp-1 (gel pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC465
v06.1209
GaAs pHEMT MMIC MODULATOR
DRIVER AMPLIFIER, DC - 20 GHz


Similar Part No. - HMC465

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465 HITTITE-HMC465 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC465 MICROSS-HMC465 Datasheet
1,007Kb / 11P
   Test Instrumentation
logo
Analog Devices
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC465

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
logo
Analog Devices
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Hittite Microwave Corpo...
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com