Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS854S202I-01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS854S202I-01
Description  12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S202I-01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS854S202I-01 Datasheet HTML 6Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 7Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 8Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 9Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 10Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 11Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 12Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 13Page - Integrated Device Technology ICS854S202I-01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IDT/ ICSLVDS MULTIPLEXER
10
ICS854S202AYI-01 REV. A JANUARY 8, 2007
ICS854S202I-01
12:2, DIFFERENTIAL-LVDS MULTIPLEXER
PRELIMINARY
INPUTS:
CLK/nCLK INPUT:
For applications not requiring the use of the differential input,
both CLK and nCLK can be left floating. Though not required, but
for additional protection, a 1k
Ω resistor can be tied from CLK to
ground.
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVDS OUTPUT
All unused LVDS output pairs can be either left floating or
ter minated with 100
Ω across. If they are left floating, we
recommend that there is no trace attached.
APPLICATION INFORMATION
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD
/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD
= 3.3V, V_REF should be 1.25V
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLKx
nCLKx
VDD


Similar Part No. - ICS854S202I-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
More results

Similar Description - ICS854S202I-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
   12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Integrated Circuit Syst...
ICS85454-01 ICST-ICS85454-01 Datasheet
199Kb / 15P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
   2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com