Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC462 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC462
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC462 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC462 Datasheet HTML 1Page - Hittite Microwave Corporation HMC462 Datasheet HTML 2Page - Hittite Microwave Corporation HMC462 Datasheet HTML 3Page - Hittite Microwave Corporation HMC462 Datasheet HTML 4Page - Hittite Microwave Corporation HMC462 Datasheet HTML 5Page - Hittite Microwave Corporation HMC462 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1
1 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with
conductive epoxy (see hmC general handling, mounting, Bonding note).
50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina
thin film substrates are recommended for bringing rf to and from the chip
(figure 1). if 0.254mm (10 mil) thick alumina thin film substrates must be
used, the die should be raised 0.150mm (6 mils) so that the surface of the
die is coplanar with the surface of the substrate. one way to accomplish
this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick
molybdenum heat spreader (moly-tab) which is then attached to the
ground plane (figure 2).
microstrip substrates should brought as close to the die as possible in
order to minimize bond wire length. Typical die-to-substrate spacing is
0.076mm to 0.152 mm (3 to 6 mils).
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either waffle or Gel based esD
protective containers, and then sealed in an esD protective bag for
shipment. once the sealed esD protective bag has been opened, all die
should be stored in a dry nitrogen environment.
Cleanliness: handle the chips in a clean environment. Do noT attempt
to clean the chip using liquid cleaning systems.
Static Sensitivity: follow esD precautions to protect against esD
strikes.
Transients: suppress instrument and bias supply transients while bias is
applied. Use shielded signal and bias cables to minimize inductive pick-up.
General Handling: handle the chip along the edges with a vacuum collet
or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with
vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with Ausn eutectic preforms or with electrically conductive epoxy.
The mounting surface should be clean and flat.
eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool
temperature of 265 °C. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. Do
noT expose the chip to a temperature greater than 320 °C for more than 20 seconds. no more than 3 seconds of
scrubbing should be required for attachment.
epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed
around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage
temperature of 150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is
recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be
started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm
(12 mils).
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab
HMC462
v04.1210
GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 2 - 20 GHz


Similar Part No. - HMC462

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
logo
Micross Components
HMC462 MICROSS-HMC462 Datasheet
1,002Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
More results

Similar Description - HMC462

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5_11 Datasheet
734Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com