Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLEAWT-A1-0000-0002E7 Datasheet(PDF) 5 Page - Cree, Inc

Part # MLEAWT-A1-0000-0002E7
Description  Cree짰 XLamp짰 ML-E LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MLEAWT-A1-0000-0002E7 Datasheet(HTML) 5 Page - Cree, Inc

  MLEAWT-A1-0000-0002E7 Datasheet HTML 1Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 2Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 3Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 4Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 5Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 6Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 7Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 8Page - Cree, Inc MLEAWT-A1-0000-0002E7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright © 2010, 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
5
XLAMP ML-E LEDS
THERMAL DESIGN
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is
crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to
ambient in order to optimize lamp life and optical characteristics.
TYPICAL SPATIAL DISTRIBUTION
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ambient Temperature (ºC)
Rj-a = 20°C/W
Rj-a = 30°C/W
Rj-a = 40°C/W
Rj-a = 50°C/W
0
20
40
60
80
100
120
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angle (º)


Similar Part No. - MLEAWT-A1-0000-0002E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLEAWT-A1-0000-0002E7 CREE-MLEAWT-A1-0000-0002E7 Datasheet
1Mb / 26P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
logo
Cree LED
MLEAWT-A1-0000-0002E7 CREELED-MLEAWT-A1-0000-0002E7 Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
More results

Similar Description - MLEAWT-A1-0000-0002E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
ML-B CREE-ML-B Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-B LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
   Cree짰 XLamp짰 XT-E Royal Blue LEDs
XP-E-HEW CREE-XP-E-HEW Datasheet
985Kb / 11P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com