Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS850S1601I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS850S1601I
Description  16:1 SINGLE-ENDED MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS850S1601I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS850S1601I Datasheet HTML 4Page - Integrated Device Technology ICS850S1601I Datasheet HTML 5Page - Integrated Device Technology ICS850S1601I Datasheet HTML 6Page - Integrated Device Technology ICS850S1601I Datasheet HTML 7Page - Integrated Device Technology ICS850S1601I Datasheet HTML 8Page - Integrated Device Technology ICS850S1601I Datasheet HTML 9Page - Integrated Device Technology ICS850S1601I Datasheet HTML 10Page - Integrated Device Technology ICS850S1601I Datasheet HTML 11Page - Integrated Device Technology ICS850S1601I Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ICS850S1601I
16:1, SINGLE-ENDED MULTIPLEXER
IDT™ / ICS™ 16:1, SINGLE-ENDED MULTIPLEXER
11
ICS850S1601BGI REV. A AUGUST 15, 2008
Ordering Information
Table 9. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
850S1601BGILF
ICS50S1601BIL
“Lead-Free” 24 Lead TSSOP
Tube
-40
°C to 85°C
850S1601BGILFT
ICS50S1601BIL
“Lead-Free” 24 Lead TSSOP
2500 Tape & Reel
-40
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industrial applications. Any other applications, such as those requiring high reliability or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT
product for use in life support devices or critical medical instruments.


Similar Part No. - ICS850S1601I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
   16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
More results

Similar Description - ICS850S1601I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
   16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com