Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC460 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC460
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC460 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC460_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC460_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
1 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Low Frequency Gain & Return Loss
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
0
4
8
12
16
20
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0
2
4
6
8
10 12 14 16 18 20 22 24 26
S21
S11
S22
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.00001
0.0001
0.001
0.01
0.1
1
10
S21
S11
S22
FREQUENCY (GHz)
HMC460
v04.1010
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, DC - 20 GHz


Similar Part No. - HMC460_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460LC5 HITTITE-HMC460LC5 Datasheet
1,014Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC460_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC463 HITTITE-HMC463 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com