Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC457QS16GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC457QS16GE
Description  InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC457QS16GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC457QS16GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 242
Output IP3 vs. Temperature @ 1900 MHz
Gain, Power & IP3
vs. Supply Current @ 1900 MHz*
Gain, Power & IP3
vs. Supply Voltage @ 1900 MHz
Power Compression @ 1900 MHz
* Icq is controlled by varying Vpd.
Noise Figure vs.
Temperature @ 1900 MHz
ACPR vs. Supply Voltage @ 1960 MHz
CDMA 2000, 9 Channels Forward
34
36
38
40
42
44
46
48
50
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
1.6
1.7
1.8
1.9
2
2.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
50
4.5
4.75
5
5.25
5.5
Gain
P1dB
Psat
OIP3
Vs (Vdc)
5
10
15
20
25
30
35
40
45
50
440
480
520
560
600
Gain
P1dB
Psat
OIP3
Icq (mA)
5V
-90
-80
-70
-60
-50
-40
-30
12
14
16
18
20
22
24
26
28
Channel Power (dBm)
Source ACPR
CDMA2000
Frequency: 1.96 GHz
Integration BW: 1.228 MHz
Forward Link, SR1, 9 Channels
5.5V
4.5V
0
5
10
15
20
25
30
35
40
45
50
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
HMC457QS16G / 457QS16GE
InGaP HBT 1 WATT POWER
AMPLIFIER, 1.7 - 2.2 GHz
v03.0907


Similar Part No. - HMC457QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results

Similar Description - HMC457QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G Datasheet
372Kb / 12P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com