Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC457QS16GE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC457QS16GE
Description  InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC457QS16GE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC457QS16GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC457QS16GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 243
Gain vs. Temperature @ 2100 MHz
Output Return Loss
vs. Temperature @ 2100 MHz
Input Return Loss
vs. Temperature @ 2100 MHz
Broadband Gain
and Return Loss @ 2100 MHz
-20
-15
-10
-5
0
5
10
15
20
25
30
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
S11
S21
S22
FREQUENCY (GHz)
14
16
18
20
22
24
26
28
30
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
Psat vs. Temperature @ 2100 MHz
PldB vs. Temperature @ 2100 MHz
20
22
24
26
28
30
32
34
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
22
24
26
28
30
32
34
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC457QS16G / 457QS16GE
InGaP HBT 1 WATT POWER
AMPLIFIER, 1.7 - 2.2 GHz
v03.0907


Similar Part No. - HMC457QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results

Similar Description - HMC457QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G Datasheet
372Kb / 12P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com