Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

454ST89E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # 454ST89E
Description  InGaP HBTWATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

454ST89E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button 454ST89E Datasheet HTML 3Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 4Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 5Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 6Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 7Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 8Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 9Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 10Page - Hittite Microwave Corporation 454ST89E Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 196
900 MHz Application Circuit, Compact Layout
Recommended Component Values
L1, L2
1 nH
L3
36 nH
R1
5.1 Ohms
C1
8 pF
C2
22 pF
C3
2.7 pF
C4, C6
100 pF
C5
2.2 μF
TL1
Impedance
50 Ohm
Physical Length
0.050”
Electrical Length
2.5°
PCB Material: 10 mil Rogers 4350,
Er = 3.48
This circuit was used to specify the performance for 894-960 MHz operation. This circuit will satisfy many applications
from 700 to 1200 MHz. Contact the HMC Applications Group for assistance in optimizing performance for your
application.
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
RFIN
This pin is AC coupled.
Off chip matching components are required.
See Application Circuit herein.
3
RFOUT
RF output and DC Bias input for the output amplifier stage.
Off chip matching components are required.
See Application Circuit herein.
2,4
GND
These pins & package bottom must be connected to
RF/DC ground.
HMC454ST89 / 454ST89E
v05.0710
InGaP HBT ½ WATT HIGH IP3
AMPLIFIER, 0.4 - 2.5 GHz


Similar Part No. - 454ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
454ST89E HITTITE-454ST89E Datasheet
405Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
More results

Similar Description - 454ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
   InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
   InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
   InGaP HBT Watt High IP3 AMPLIFIER
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
logo
WJ Communication. Inc.
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com