Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT03-111-069-B Datasheet(PDF) 1 Page - ice Components, Ins.

Part # GT03-111-069-B
Description  Gate Drive Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GT03-111-069-B Datasheet(HTML) 1 Page - ice Components, Ins.

  GT03-111-069-B Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
•MeetsmedicalVDEcreepage/clearance
•Optimizedforfrequenciesfrom
100kHzto350kHz
Mechanical
Schematic
1.Testedat100kHz,0.1Vrms.
2.Electricalspecificationsat
25°C.
3.Operatingrange:-40°C
to+130°C.
4.MeetsUL94V-0.
5.E-Tproductratingisfor
secondary(gate)windings
andisbaseduponflux
densityof2200Gaussat
25°Cinabipolardrive
application.
Applications
•GateDriveTransformer
•AC/DCandDC/DC
Converters
•SignalTransformerAcross
IsolationBarrier
Electrical Specifications
Packaging:Reeldiameter:13”,Reelwidth:24mm,Pieces/reel:500
Recommended PCB
layout
GT03-XXX-XXX-A:0mmcreepage/clearance
B:3mmcreepage/clearance
C:8mmcreepage/clearance
GT03-XXX-XXX-X
YYWW
8
5
1
4
colordot
forpin1
1.6
2
3
4
5
6
7
8
16.9
2.54
1.2
1
10.7max
16.0ref.
6.8
max
units:mm
3
4
5
6
7
8
Drive
Gate
Gate
Part
Number
Turns Ratio
Drive:Gate
Drive Ind.1
(µH, min.)
DCR
(mΩ, max.)
Lkg. Ind.
(nH, max.)
E-T Prod5
(V-µs)
Hi-Pot
GT03-111-034-A
1:1:1
882
550:550
300
34.6
1500 Vdc
GT03-111-052-A
1:1:1
1985
850:850
370
51.9
1500 Vdc
GT03-111-069-A
1:1:1
2000
1300:1300
300
69
1500 Vdc
GT03-111-110-A
1:1:1
5100
1900:1900
550
110
1500 Vdc
GT03-122-037-A
1:2.5:2.5
162
265:590
180
37.1
1500 Vdc
GT03-122-055-A
1:2.5:2.5
365
400:900
300
55.6
1500 Vdc
GT03-111-034-B
1:1:1
882
600:600
360
34.6
3750 Vac
GT03-111-069-B
1:1:1
2000
1430:1300
470
69
3750 Vac
GT03-122-037-B
1:2.5:2.5
162
280:590
240
37.1
3750 Vac
GT03-111-034-C
1:1:1
882
600:600
360
34.6
3750 Vac
GT03-111-069-C
1:1:1
2000
1430:1300
470
69
3750 Vac
GT03-122-037-C
1:2.5:2.5
162
280:590
240
37.1
3750 Vac
800.729.2099tel
www.icecomponents.com
(09/10)GT03-1
Specificationssubjecttochangewithoutnotice.
GT03 Series
Gate Drive Transformer


Similar Part No. - GT03-111-069-B

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GT03-111-069-B ICE-GT03-111-069-B Datasheet
147Kb / 1P
   Gate Drive Transformer
GT03-111-069-B ICE-GT03-111-069-B Datasheet
240Kb / 1P
   Gate Drive Transformer
More results

Similar Description - GT03-111-069-B

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
   GATE DRIVE TRANSFORMER
SM76925 DATATRONICS-SM76925 Datasheet
87Kb / 1P
   GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT04 ICE-GT04_08 Datasheet
206Kb / 2P
   Gate Drive Transformer
logo
XFMRS Inc.
XF0144-GD10 XFMRS-XF0144-GD10 Datasheet
39Kb / 1P
   Gate Drive Transformer
XF1145-GD11 XFMRS-XF1145-GD11 Datasheet
48Kb / 1P
   Gate Drive Transformer
XF0144-GD10 XFMRS-XF0144-GD10_15 Datasheet
39Kb / 1P
   GATE DRIVE TRANSFORMER
logo
Pulse A Technitrol Comp...
PL3057 PULSE-PL3057 Datasheet
98Kb / 2P
   GATE DRIVE TRANSFORMER
logo
List of Unclassifed Man...
XF0144-GD10 ETC-XF0144-GD10 Datasheet
35Kb / 1P
   GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03 Datasheet
147Kb / 1P
   Gate Drive Transformer
logo
XFMRS Inc.
XF9806A-GD13 XFMRS-XF9806A-GD13 Datasheet
43Kb / 1P
   GATE DRIVE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com