Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT01-110-007 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # GT01-110-007
Description  Gate Drive Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GT01-110-007 Datasheet(HTML) 1 Page - ice Components, Ins.

  GT01-110-007 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
• Smallest size available on the market
• Designed for frequencies from
500 kHz to over 1 MHz
• Flat top for pick and place applications
• Multiple turns ratios available
Part
Turns Ratio Inductance
1
DCR
1
Lkg. Ind. E-T Product
5 Hi-Pot
Number
N1:N2:N3
(µH,min.) (mΩ,max.)
(nH)
(V
µs)
(V
dc)
GT01-110-007
1:1
200
180:180
130
7.5
500
GT01-110-011
1:1
450
470:470
180
11.2
500
GT01-110-015
1:1
800
620:620
200
15.0
500
GT01-120-007
1:2
50
95:180
75
7.5
500
GT01-120-010
1:2
90
180:330
75
10.0
500
GT01-120-015
1:2
200
250:520
95
15.0
500
GT01-111-007
1:1:1
200
270:270:270
100
7.5
500
GT01-111-011
1:1:1
450
470:470:470
150
11.2
500
GT01-122-007
1:2:2
50
130:260:260
65
7.5
500
GT01-122-010
1:2:2
90
220:430:430
75
10.0
500
GT01-122-015
1:2:2
200
330:690:690
130
15.0
500
GT01-133-007
1:3:3
22
100:270:270
100
7.5
500
GT01-133-011
1:3:3
50
170:460:460
70
11.2
500
GT01-133-015
1:3:3
90
220:650:650
80
15.0
500
Mechanical
Schematic
Recommended PCb layout
1. Tested at 100kHz, 0.1Vrms.
2. Electrical specifications at
25°C.
3. Operating range: -40°C
to +130°C.
4. Meets UL 94V-0.
5. E-T product rating is for sec-
ondary (gate) windings and
is based upon a flux density
of 2200 Gauss at 25°C in a
bipolar drive application.
Applications
• Voltage Regulator Modules
• High Frequency AC/DC and
DC/DC Converters
• Pulse/Signal Transformers
Electrical Specifications
units: mm
Side View
Top View
Top View
Packaging Reel diameter: 13”, Reel width: 16mm, Pieces/reel: 2000
XXX
5.2 max
5.0
max
3.3
max
1
2
3
4
5
6
color dot for pin 1
1
2
3
3.0
1.5
1.0
1.4
1
4
5
2
3
6
N1
N2
N3
Note: 1. White dot for 22.0 V * us
Yellow dot for 15.0 V * us
Pink dot for 11.0 V * us
2. marking 110 for turns ratio 1:1
marking 120 for turns ratio 1:2
marking 111 for turns ratio 1:1:1
marking 122 for turns ratio 1:2:2
marking 133 for turns ratio 1:3:3
1
3
4
6
N1
N2
A
GT01 Series
Gate Drive Transformer
81
(02/08) GT01-1


Similar Part No. - GT01-110-007

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GT01-110-007 ICE-GT01-110-007 Datasheet
140Kb / 1P
   Gate Drive Transformer
More results

Similar Description - GT01-110-007

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GT03 ICE-GT03_10 Datasheet
240Kb / 1P
   Gate Drive Transformer
logo
Datatronic Distribution...
SM76922 DATATRONICS-SM76922 Datasheet
134Kb / 1P
   GATE DRIVE TRANSFORMER
SM76925 DATATRONICS-SM76925 Datasheet
87Kb / 1P
   GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT04 ICE-GT04_08 Datasheet
206Kb / 2P
   Gate Drive Transformer
logo
XFMRS Inc.
XF0144-GD10 XFMRS-XF0144-GD10 Datasheet
39Kb / 1P
   Gate Drive Transformer
XF1145-GD11 XFMRS-XF1145-GD11 Datasheet
48Kb / 1P
   Gate Drive Transformer
XF0144-GD10 XFMRS-XF0144-GD10_15 Datasheet
39Kb / 1P
   GATE DRIVE TRANSFORMER
logo
Pulse A Technitrol Comp...
PL3057 PULSE-PL3057 Datasheet
98Kb / 2P
   GATE DRIVE TRANSFORMER
logo
List of Unclassifed Man...
XF0144-GD10 ETC-XF0144-GD10 Datasheet
35Kb / 1P
   GATE DRIVE TRANSFORMER
logo
ice Components, Ins.
GT03 ICE-GT03 Datasheet
147Kb / 1P
   Gate Drive Transformer
logo
XFMRS Inc.
XF9806A-GD13 XFMRS-XF9806A-GD13 Datasheet
43Kb / 1P
   GATE DRIVE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com