Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4148 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4148
Description  Switching Power Transistor(7A NPN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4148 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4148 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4148 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Forward Bias SOA
0.01
0.1
1
10
1
10
2SC4148
Tc = 25
°C
Single Pulse
1ms
10ms
DC
14
40
Collector-Emitter Voltage VCE [V]
PT limit
IS/B limit


Similar Part No. - 2SC4148

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4148 SAVANTIC-2SC4148 Datasheet
223Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4148 JMNIC-2SC4148 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4148 ISC-2SC4148 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4148 SAVANTIC-2SC4148 Datasheet
225Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4148 JMNIC-2SC4148 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4148

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
   Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
   Switching Power Transistor(7A NPN)
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
   Switching Power Transistor(-7A PNP)
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
   Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
   Switching Power Transistor(-7A PNP)
logo
Rohm
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
   NPN 7A 50V Power Transistor
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
   NPN 7A 50V Power Transistor
20220315 - Rev.001
logo
Shindengen Electric Mfg...
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
   Darlington Transistor(7A NPN)
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
   Darlington Transistor(7A NPN)
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
39Kb / 1P
   HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com