Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C01-0012-02-00 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # C01-0012-02-00
Description  Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

C01-0012-02-00 Datasheet(HTML) 2 Page - ice Components, Ins.

  C01-0012-02-00 Datasheet HTML 1Page - ice Components, Ins. C01-0012-02-00 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Common Mode Chokes
C01 Series
LF Series
E L E C T R I C A L
S P E C I F I C A T I O n S — H I G H
S E R I E S
E LECTRICAL
S PECIFICA TIO n S — ST A n D ARD
SERIES
M ECHA n ICAL
ST A n D ARD
I n D u CT A n CE
36.0 max
20.7+/-0.2
Dot for pin 1
C01-XXXX-01-00
ICA YYWW
1.2 DIA
3.0+/-0.3
3 mm Creepage Spacer
3
4
1
4
23.0+/-0.3
2
1
4
3
TOP VIEW
Schematic
1
2
4
3
Standard Series
CO1-0150-02-00
CO1-0110-02-00
CO1-0075-02-00
CO1-0020-02-00
CO1-0030-02-00
CO1-0012-02-00
0
5
10
15
20
25
300Hz
1KHz
10KHz
20KHz
50KHz
100KHz
High Series
CO1-0050-01-00
CO1-0100-01-00
CO1-0030-01-00
CO1-0020-01-00
CO1-0012-01-00
CO1-0008-01-00
C01-XXX-02-00
0
5
10
15
20
25
300Hz
1KHz
10KHz
20KHz
50KHz
100KHz
C01-0150-02-00
C01-0110-02-00
C01-0075-02-00
C01-0030-02-00
C01-0020-02-00
C01-0012-02-00
Standard Series
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
69
(03/08) C01-2


Similar Part No. - C01-0012-02-00

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
C01-0012-02-00 ICE-C01-0012-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
More results

Similar Description - C01-0012-02-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com