Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC449LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC449LC3B
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC449LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC449LC3B_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC449LC3B_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 78
HMC449LC3B
v02.1208
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
SSB Phase Noise Performance,
Fout = 27 GHz, Pin = 0 dBm
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-15
-12
-9
-6
-3
0
26
27
28
29
30
31
32
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
13
13.5
14
14.5
15
15.5
16
+25C
+85C
-40C
FREQUENCY (GHz)
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 27 - 31 GHz OUTPUT


Similar Part No. - HMC449LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC449LC3B HITTITE-HMC449LC3B Datasheet
305Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
More results

Similar Description - HMC449LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC577LC4B HITTITE-HMC577LC4B Datasheet
261Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B_09 Datasheet
193Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC449LC3B HITTITE-HMC449LC3B Datasheet
305Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
logo
Analog Devices
HMC577LC4B AD-HMC577LC4B Datasheet
314Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC942LP4E HITTITE-HMC942LP4E Datasheet
581Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 25 - 31 GHz OUTPUT
HMC449 HITTITE-HMC449_07 Datasheet
257Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449 HITTITE-HMC449_09 Datasheet
241Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com