Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HP0504UB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 89HP0504UB
Description  4 Channel 5Gbps USB 3.0 Signal Repeater
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HP0504UB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 89HP0504UB Datasheet HTML 3Page - Integrated Device Technology 89HP0504UB Datasheet HTML 4Page - Integrated Device Technology 89HP0504UB Datasheet HTML 5Page - Integrated Device Technology 89HP0504UB Datasheet HTML 6Page - Integrated Device Technology 89HP0504UB Datasheet HTML 7Page - Integrated Device Technology 89HP0504UB Datasheet HTML 8Page - Integrated Device Technology 89HP0504UB Datasheet HTML 9Page - Integrated Device Technology 89HP0504UB Datasheet HTML 10Page - Integrated Device Technology 89HP0504UB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
IDT 89HP0504UB Data Sheet
7
February 8, 2011
Eye Diagram Parameters
Receiver Impedance
The table below shows how the receiver impedance changes based on input and output pin states.
Feature
Feature Type
Parameter Names for
Programming via Pins
Input equalization
Main eye optimization
A0RXEQ, A1RXEQ, B0RXEQ, B1RXEQ
Range: 0dB to 14dB (plus additional auto-
boost up to 10dB for long connections)
Output differential signal
swing (peak-to-peak) and
output de-emphasis
Main eye optimization
A0TXSW, A1TXSW, B0TXSW, B1TXSW
Range: 0.5V to 0.95V for swing
Range: 0 to -6.5dB for de-emphasis
Table 1 Quick Reference: Parameters Used for Eye Optimization
Mode
Control Inputs
Rx
Terminations
Description
PDB
[A,B]RXDETEN
RSTB
Full IC
Power-down
0
X
X
Hi-Z
Receiver terminations placed in Hi-Z.
Channel Dis-
abled
1
1
0
Hi-Z
Receiver detect in reset.
Receiver terminations placed in Hi-Z.
Channel
Enabled
10
1
50
Ω
Receiver detect disabled.
Receiver terminations set to 50
Ω.
Channel Dis-
abled
1
1
1
Hi-Z
Receiver detect enabled.
No far-end receiver detected.
Receiver terminations placed in Hi-Z.
Channel
Enabled
11
1
50
Ω
Receiver detect enabled.
Valid receiver detected.
Receiver terminations set to 50
Ω.
Table 2 Receiver Impedance


Similar Part No. - 89HP0504UB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HP0504PB IDT-89HP0504PB Datasheet
803Kb / 26P
   4 Channel 5Gbps PCIe짰 Signal Repeater
More results

Similar Description - 89HP0504UB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HP0504PB IDT-89HP0504PB Datasheet
803Kb / 26P
   4 Channel 5Gbps PCIe짰 Signal Repeater
logo
List of Unclassifed Man...
12.04.1080 ETC2-12.04.1080 Datasheet
151Kb / 2P
   ROLINE USB 3.0 Aktives Repeater Kabel, 10m
logo
Integrated Device Techn...
89HP0604SB IDT-89HP0604SB Datasheet
565Kb / 22P
   4 Channel 6Gbps SAS/SATA Signal Repeater
logo
List of Unclassifed Man...
12.04.1082 ETC2-12.04.1082 Datasheet
151Kb / 2P
   ROLINE USB 3.0 Aktives Repeater Kabel, 20m
12.04.1081 ETC2-12.04.1081 Datasheet
151Kb / 2P
   ROLINE USB 3.0 Aktives Repeater Kabel, 15m
logo
Newnex Technology Corp.
FIRENEX-ULKX25 NEWNEX-FIRENEX-ULKX25 Datasheet
163Kb / 1P
   FireNEX-uLINK USB 3.0 Active Repeater Cable , A to B, 25 Meters, Slim Repeater
logo
Vecow Co., Ltd.
UE-1004 VECOW-UE-1004 Datasheet
279Kb / 1P
   4-port USB 3.0 Host Adapter with 4 Independent USB 3.0 Controllers
logo
General Semiconductor
GEI-100335 GE-GEI-100335 Datasheet
316Kb / 8P
   ENCODER SIGNAL REPEATER
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
logo
Tripp Lite. All Rights ...
U328025 TRIPPLITE-U328025 Datasheet
508Kb / 2P
   USB 3.0 SuperSpeed Active Repeater Cable (AB M-M), 25-ft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com