Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC444LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC444LP4
Description  SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC444LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC444LP4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC444LP4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC444LP4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC444LP4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC444LP4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC444LP4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 50
Output Spectrum
SSB Phase Noise
Performance, Fout= 10.5 GHz
SMT GaAs HBT MMIC x8 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
v04.0210
-60
-50
-40
-30
-20
-10
0
10
0
2
4
6
8
1012 14 161820 2224 26
FREQUENCY (GHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
Pin= 0dBm
Pin= -10dBm
OFFSET FREQUENCY (Hz)
HMC444LP4 / 444LP4E


Similar Part No. - HMC444LP4_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC444LP4E AD-HMC444LP4E Datasheet
365Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
More results

Similar Description - HMC444LP4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC443LP4 HITTITE-HMC443LP4_07 Datasheet
631Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4 Datasheet
251Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_10 Datasheet
251Kb / 6P
   SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_10 Datasheet
235Kb / 6P
   SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_07 Datasheet
632Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
   SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_10 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com