Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ3966GRS-5.0V-5L Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966GRS-5.0V-5L
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966GRS-5.0V-5L Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TJ3966GRS-5.0V-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966GRS-5.0V-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 3
-
HTC
Ordering Information
(Continued)
VOUT
Package
Order No.
Description
Supplied As
Status
SOP8-PP
TJ3966DP-3.3V
3.0A, Enable, SENSE
Reel
Active
TO-252 3L
TJ3966RS-3.3V-3L
3.0A
Reel
Obsolete
TO-252 3L
TJ3966GRS-3.3V-3L
3.0A
Reel
Active
TO-252 5L
TJ3966RS-3.3V-5L
3.0A, Enable, SENSE
Reel
Obsolete
TO-252 5L
TJ3966GRS-3.3V-5L
3.0A, Enable, SENSE
Reel
Active
TO-263 3L
TJ3966R-3.3V-3L
3.0A
Reel
Obsolete
TO-263 3L
TJ3966GR-3.3V-3L
3.0A
Reel
Active
TO-263 5L
TJ3966R-3.3V-5L
3.0A, Enable, SENSE
Reel
Obsolete
TO-263 5L
TJ3966GR-3.3V-5L
3.0A, Enable, SENSE
Reel
Active
TO-220 3L
TJ3966T-3.3V
3.0A
Tube
Active
3.3V
TO-220 5L
TJ3966T-3.3V
3.0A, Enable, SENSE
Tube
Active
SOP8-PP
TJ3966DP-5.0V
3.0A, Enable, SENSE
Reel
Active
TO-252 3L
TJ3966RS-5.0V-3L
3.0A
Reel
Obsolete
TO-252 3L
TJ3966GRS-5.0V-3L
3.0A
Reel
Active
TO-252 5L
TJ3966RS-5.0V-5L
3.0A, Enable, SENSE
Reel
Obsolete
TO-252 5L
TJ3966GRS-5.0V-5L
3.0A, Enable, SENSE
Reel
Active
TO-263 3L
TJ3966R-5.0V-3L
3.0A
Reel
Obsolete
TO-263 3L
TJ3966GR-5.0V-3L
3.0A
Reel
Active
TO-263 5L
TJ3966R-5.0V-5L
3.0A, Enable, SENSE
Reel
Obsolete
TO-263 5L
TJ3966GR-5.0V-5L
3.0A, Enable, SENSE
Reel
Active
TO-220 3L
TJ3966T-5.0V
3.0A
Tube
Active
5.0V
TO-220 5L
TJ3966T-5.0V
3.0A, Enable, SENSE
Tube
Active
3966
TJ
Package Type
Root Name
Product Code
Output Voltage : ADJ / 1.2V / 1.8V / 2.5V / 3.3V / 5.0V
DP
RS
R
T
: SOP8-PP
: TO-252
: TO-263
: TO-220
Green Mode
G
Blank
: Halogen Free
: Pb Free
Lead Count : 3L / 5L (For TO-252 / TO-263 PKG Only)
*
* It is written to distinguish the lead count of TO-252 / TO-263 PKG.


Similar Part No. - TJ3966GRS-5.0V-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966GRS-5.0V-5L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com