Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

435MS8GE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 435MS8GE
Description  SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

435MS8GE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  435MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 435MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 435MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 435MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 122
HMC435MS8G / 435MS8GE
SPDT NON-REFLECTIVE
SWITCH, DC - 4 GHz
v05.0110
General Description
Features
Functional Diagram
High Isolation: 60 dB @ 1 GHz
50 dB @ 2 GHz
Positive Control: 0/+5V
Input IP3: 51 dBm
Non-Reflective Design
Ultra Small MSOP-86 Package: 14.8 mm2
Typical Applications
The HMC435MS8G(E) is ideal for:
• Basestations & Repeaters
• Cellular/3G and WiMAX/4G
• Infrastructure and Access Points
• CATV/CMTS
• Test Instrumentation
The HMC435MS8G(E) is a non-reflective DC to
4 GHz GaAs MESFET SPDT switch in a low cost 8
lead MSOP8G surface mount package with exposed
ground paddle. The switch is ideal for cellular/3G
and WiMAX/4G applications yielding up to 60 dB
isolation, low 0.8 dB insertion loss and +50 dBm
input IP3. Power handling is excellent up through the
3.8 GHz WiMAX band with the switch offering a P1dB
compression of +31 dBm. On-chip circuitry allows
positive voltage control of 0/+5 Volts at very low DC
currents.
Electrical Specifications, T
A = +25° C, Vctl =
0/+5 Vdc, 50 Ohm System
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.5 GHz
DC - 3.6 GHz
DC - 4.0 GHz
0.8
1.2
1.5
1.0
1.5
1.8
dB
dB
dB
Isolation (RFC to RF1/RF2)
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.6 GHz
DC - 4.0 GHz
56
46
43
37
30
60
50
47
41
35
dB
dB
dB
dB
dB
Return Loss (On State)
DC - 2.5 GHz
DC - 3.6 GHz
DC - 4.0 GHz
15
13
11
20
17
15
dB
dB
dB
Return Loss (Off State)
0.5 - 4.0 GHz
16
21
dB
Input Power for 1 dB Compression
0.5 - 4.0 GHz
27
31
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.5 - 1.0 GHz
0.5 - 2.5 GHz
0.5 - 4.0 GHz
48
45
41
51
48
45
dBm
Switching Speed
DC - 4.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
40
60
ns
ns


Similar Part No. - 435MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
435MS8GE HITTITE-435MS8GE Datasheet
210Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - 435MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
   DC-18 GHz SPDT Non-reflective Switch
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G_08 Datasheet
219Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
   DC-20 GHz SPDT Non-reflective Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com