Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P500-G120-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # P500-G120-WH
Description  TBU짰 P500-G and P850-G Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P500-G120-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  P500-G120-WH Datasheet HTML 1Page - Bourns Electronic Solutions P500-G120-WH Datasheet HTML 2Page - Bourns Electronic Solutions P500-G120-WH Datasheet HTML 3Page - Bourns Electronic Solutions P500-G120-WH Datasheet HTML 4Page - Bourns Electronic Solutions P500-G120-WH Datasheet HTML 5Page - Bourns Electronic Solutions P500-G120-WH Datasheet HTML 6Page - Bourns Electronic Solutions P500-G120-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6& 6A
4& 4A
1& 1A
3& 3A
6
4
1
3
PIN 1
A
B
D
C
4
6
4A
6A
5
3
1
3A
1A
2
EE
J
J
N
N
H
H
M
G
G
K
F
K
L
L
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN 1
A
B
D
C
4
3
6
1
5
2
E
JJ
N
N
H
M
E
K
K
F
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU® P500-G and P850-G Protectors
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Dim.
P500-G
P850-G
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.40
(.139)
4.00
(.157)
4.10
(.161)
3.40
(.139)
4.00
(.157)
4.10
(.161)
B
5.90
(.232)
6.00
(.236)
6.10
(.240)
8.15
(.321)
8.25
(.325)
8.35
(.329)
C
0.80
(.031)
0.85
(.033)
0.90
(.035)
0.80
(.031)
0.85
(.033)
0.90
(.035)
D
0.000
(.000)
0.025
(.001)
0.050
(.002)
0.000
(.000)
0.025
(.001)
0.050
(.002)
E
1.15
(.045)
1.25
(.049)
1.35
(.053)
1.15
(.045)
1.25
(.049)
1.35
(.053)
F
1.05
(.041)
1.15
(.045)
1.25
(.049)
1.05
(.041)
1.15
(.045)
1.25
(.049)
G--
--
--
0.725
(.029)
0.825
(.032)
0.925
(.036)
H
1.10
(.043)
1.20
(.047)
1.30
(.051)
1.10
(.043)
1.20
(.047)
1.30
(.051)
J
0.375
(.015)
0.425
(.017)
0.475
(.019)
0.375
(.015)
0.425
(.017)
0.475
(.019)
K
0.70
(.028)
0.75
(.030)
0.80
(.031)
0.25
(.010)
0.30
(.012)
0.35
(.014)
L--
--
--
0.70
(.028)
0.75
(.030)
0.80
(.031)
M
0.70
(.028)
0.75
(.030)
0.80
(.031)
0.70
(.028)
0.75
(.030)
0.80
(.031)
N
0.375
(.015)
0.425
(.017)
0.475
(.018)
0.375
(.015)
0.425
(.017)
0.475
(.018)
Recommended Pad Layout
Pad #
Apply
1
Tip In
2NC
3
Tip Out
4
Ring Out
5NC
6
Ring In
NC = Solder to PCB; do not make electrical
connection, do not connect to ground.
Pad Designation
TBU® devices have matte-tin termination finish. Suggested layout should use non-solder mask
define (NSMD). Recommended stencil thickness is 0.10-0.12 mm (.004-.005 in.) with stencil
opening size 0.025 mm (.0010 in.) less than the device pad size. As when heat sinking any power
device, it is recommended that, wherever possible, extra PCB copper area is allowed. For mini-
mum parasitic capacitance, do not allow any signal, ground or power signals beneath any of the
pads of the device.
P500-Gxxx
P850-Gxxx
Pads 1A and 1 are internally connected; the same for pads 3A with 3, 4A with 4, and 6A with 6.
This allows for one PCB layout to accommodate the P500 or P850.
P500-Gxxx
P850-Gxxx
1.225
(.048)
0.75
(.030)
1.15
(.045)
1.275
(.050)
0.375
(.015)
1.225
(.048)
1.25
(.049)
0.85
(.033)
0.30
(.012)
0.75
(.030)
1.15
(.045)
0.375
(.015)
Pad #
Apply
Pad #
Apply
1A
Tip In
4A
Ring Out
1
Tip In
4
Ring Out
2NC
5
NC
3
Tip Out
6
Ring In
3A
Tip Out
6A
Ring In
NC = Solder to PCB; do not make electrical
connection, do not connect to ground.
Pad Designation
Block Diagram
P500-Gxxx
P850-Gxxx


Similar Part No. - P500-G120-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G120-WH BOURNS-P500-G120-WH Datasheet
755Kb / 7P
   Extremely high speed performance
P500-G120-WH BOURNS-P500-G120-WH Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P500-G120-WH BOURNS-P500-G120-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
More results

Similar Description - P500-G120-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G_13 Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P650-U BOURNS-P650-U_11 Datasheet
784Kb / 6P
   P650-U and P850-U Series TBU짰 High-Speed Protectors
MOV-07D201K BOURNS-MOV-07D201K_12 Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_12 Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com