Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-CA040-300-WH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-CA040-300-WH
Description  TBU-CA Series - TBU짰 High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA040-300-WH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-CA040-300-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA040-300-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA040-300-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA040-300-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA040-300-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA040-300-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
TBU-CA Series - TBU® High-Speed Protectors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Reference Application
The TBU® devices are general use protectors used in a wide
variety of applications. The maximum voltage rating of the TBU®
device should never be exceeded. Where necessary, an OVP
should be employed to limit the maximum voltage. A cost-
effective protection solution combines Bourns® TBU® protection
devices with a pair of Bourns® MOVs. For bandwidth sensitive
applications, a Bourns® GDT may be substituted for the MOV.
The TBU® device, constructed using MOSFET semiconductor
technology, placed in the system circuit will monitor the
current with the MOSFET detection circuit triggering to provide
an effective barrier behind which sensitive electronics are not
exposed to large voltages or currents during surge events. The
TBU® device operates in approximately 1 µs - once line
current exceeds the TBU® device’s trigger current Itrigger.
When operated, the TBU® device restricts line current to less
than 1 mA typically. When operated, the TBU® device will
block all voltages including the surge up to rated limits.
After the surge, the TBU® device resets when the voltage
across the TBU® device falls to the Vreset level. The TBU
®
device will automatically reset on lines which have no DC bias
or have DC bias below Vreset (such as unpowered signal lines).
If the line has a normal DC bias above Vreset, the voltage
across the TBU® device may not fall below Vreset after the
surge. In such cases, special care needs to be taken to ensure
that the TBU® device will reset, with software monitoring as
one method used to accomplish this. Bourns application
engineers can provide further assistance.
Basic TBU Operation
Performance Graphs
Typical V-I Characteristics (TBU-CA050-300-WH)
Typical Trigger Current vs. Temperature
Equip.
OVP
OVP
Line
Line
TBU
TM
Device
TBU
TM
Device
Line In /
Line Out
Line Out
/ Line In
Line Out
/ Line In
Line In /
Line Out
Typical Resistance vs. Temperature
Power Derating Curve
CURRENT
(100 mA/div)
VOLTAGE
(5 V/div)
ITRIP
VRESET
No Additional PCB Cu
0.5 sq. in. Additional PCB Cu
Ambient Temperature (°C)
20
3.0
2.5
2.0
1.5
1.0
0.5
0.0
40
60
80
100
120
140


Similar Part No. - TBU-CA040-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA040-300-WH BOURNS-TBU-CA040-300-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA040-300-WH BOURNS-TBU-CA040-300-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-CA040-300-WH BOURNS-TBU-CA040-300-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA040-300-WH BOURNS-TBU-CA040-300-WH Datasheet
486Kb / 6P
   High-Speed Protectors
More results

Similar Description - TBU-CA040-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com