Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ3966RS-3.3V-5L Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966RS-3.3V-5L
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966RS-3.3V-5L Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3966RS-3.3V-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3966RS-3.3V-5L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 10
-
HTC
Characteristic
Symbol
Rating
Unit
Maximum Allowable Power Dissipation at TA=25°C / SOP8-PP
PDMax -SOP8-PP
0.571
W
Maximum Allowable Power Dissipation at TA=25°C / TO252
PDMax -TO252
0.952
W
Maximum Allowable Power Dissipation at TA=25°C / TO263
PDMax -TO263
1.250
W
Maximum Allowable Power Dissipation at TA=25°C / TO220
PDMax -TO220
1.429
W
- Please note that above maximum allowable power dissipation is based on the minimum copper
plane area which does not exceed the proper footprint of the package. And the ambient
temperature is 25°C.
If proper cooling solution such as heat sink, copper plane area, air flow is applied, the maximum
allowable power dissipation could be increased. However, if the ambient temperature is increased, the
allowable power dissipation would be decreased.
For example, in case of TO263 package, θJA-TO263 is 80 °C/W, however, as shown in below graph, θJA
could be decreased with respect to the copper plane area. So, the specification of maximum power
dissipation for an application is fixed, the proper copper plane area could be estimated by following
graphs. As shown in graph, wider copper plane area leads lower θJA.
The maximum allowable power dissipation is also influenced by the ambient temperature. With the
above θJA-Copper plane area relationship, the maximum allowable power dissipation could be evaluated
with respect to the ambient temperature. As shown in graph, the higher copper plane area leads θJA.
And the higher ambient temperature leads lower maximum allowable power dissipation.


Similar Part No. - TJ3966RS-3.3V-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966RS-3.3V-5L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com