Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC433 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC433
Description  SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC433 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC433_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC433_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC433_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC433_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC433_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC433_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 73
-20
-15
-10
-5
0
5
10
15
20
01
234
5678
9
10
INPUT FREQUENCY (GHz)
SSB Phase Noise
Performance, Pin= 0 dBm, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
Output Power vs. Temperature
Recommended
Operating Window
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic
Content, Pin= 0 dBm, T= 25 °C
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
01
234
5678
9
10
+25 C
-40 C
+85 C
INPUT FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
02
46
8
10
INPUT FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
01
234
5678
9
10
Pfeedthru
2nd Harmonic
3rd Harmonic
INPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
15
20
01
234
5678
9
10
Min Pin +25 C
Max Pin +25 C
Min Pin -40 C
Max Pin -40 C
Min Pin +85 C
Max Pin +85 C
INPUT FREQUENCY (GHz)
HMC433 / 433E
v04.0410
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 8 GHz


Similar Part No. - HMC433_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC433E AD-HMC433E Datasheet
353Kb / 6P
   Prescaler for DC to C Band PLL Applications
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_06 Datasheet
309Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
More results

Similar Description - HMC433_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC363S8G HITTITE-HMC363S8G Datasheet
261Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC434 HITTITE-HMC434_06 Datasheet
298Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com