Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC432 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC432
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC432 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC432 Datasheet HTML 1Page - Hittite Microwave Corporation HMC432 Datasheet HTML 2Page - Hittite Microwave Corporation HMC432 Datasheet HTML 3Page - Hittite Microwave Corporation HMC432 Datasheet HTML 4Page - Hittite Microwave Corporation HMC432 Datasheet HTML 5Page - Hittite Microwave Corporation HMC432 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 68
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz,T= 25 °C
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
Vcc (V)
Icc (mA)
2.70
34
3.00
42
3.30
50
DC blocking capacitors are required at RF input and RF output ports.
Choose value for lowest frequency of operation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
-300
-200
-100
0
100
200
22.4
22.8
23.2
23.6
24
24.4
24.8
TIME (nS)
HMC432 / 432E
v04.0410
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 8 GHz
Absolute Maximum Ratings
Reliability Information
RF Input Power (Vcc = +3V)
15 dBm
Nominal +3V Supply to GND
-0.3V to 3.5V
Max Peak Flow Temperature
260 °C
Storage Temperature
-65 to +125 °C
ESD Sensitivity (HBM)
150 V
Junction Temperature to Maintain
1 Million Hour MTTF
135 °C
Nominal Junction Temperature
(T = 85 °C)
99 °C
Thermal Resistance
(Junction to GND Paddle, 3V Supply)
108 °C/W
Operating Temperature
-40 to +85 °C


Similar Part No. - HMC432

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC432 HITTITE-HMC432 Datasheet
306Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
HMC432E AD-HMC432E Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432_06 Datasheet
306Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
More results

Similar Description - HMC432

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G Datasheet
261Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC434 HITTITE-HMC434_06 Datasheet
298Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8.0 GHz
logo
Analog Devices
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com