Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC432 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC432
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC432 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC432_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC432_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC432_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC432_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC432_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC432_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 71
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads should be connected directly to the ground
plane similar to that shown. A sufficient number of
via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 105675 [1]
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J4
DC Pin
C1 - C2
100 pF Capacitor, 0402 Pkg.
C3
1000 pF Capacitor, 0402 Pkg.
C4
10 μF Tantalum Capacitor, 1206 Pkg.
U1
HMC432 / HMC432E Divide-by-2
PCB [2]
105199 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC432 / 432E
v04.0410
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 8 GHz


Similar Part No. - HMC432_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC432E AD-HMC432E Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432_06 Datasheet
306Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
More results

Similar Description - HMC432_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G Datasheet
261Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC434 HITTITE-HMC434_06 Datasheet
298Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8.0 GHz
logo
Analog Devices
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com