Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ3966T-1.8V Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966T-1.8V
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966T-1.8V Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3966T-1.8V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3966T-1.8V Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 8
-
HTC
APPLICATION INFORMATION
Output Adjustment (Adjustable Version)
An adjustable output device has output voltage range of 1.145V to 5.0V. To obtain a desired output
voltage, the following equation can be used with (R1+R2) resistor range of 1kΩ to 100kΩ
=
1
1.145
V
R1
R2
OUT
To enhance output stability, a capacitor of 68pF to 100pF can be placed in series with VOUT and ADJ.
SENSE Pin
In applications where the regulator output is not very close to the load, the TJ3966 can provide better
remote load regulation characteristics using the SENSE pin. TJ3966 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be lower than the voltage at the output pin as a value of
the voltage drop across the trace series resistance. If the sense option pin is not required, the sense pin
must be connected to the VOUT pin. Connecting the sense pin to the remote load will provide regulation
at the remote load because the TJ3966 regulates the voltage at the sense pin when the sense option pin
is used.
Output Capacitor
The TJ3966 requires a proper output capacitance to maintain stability and improve transient response
over current. The ESR of the output capacitor within the limits of 0.5Ω to 10Ω is required. A minimum
capacitance value of 22µF of tantalum or aluminum electrolytic capacitor is recommended. In a case of
ceramic capacitor, a minimum capacitance value of 10µF is required and additional resistance of
minimum 1Ω should be added with the output capacitor in series to maintain its minimum ESR. The
resistance and capacitance have to be varied upon the load current.
VOUT
ADJ
GND
R2
R1
22µF
OUTPUT
+
-
VOUT
ADJ
GND
R2
R1
10µF
OUTPUT
Additional Resistance


Similar Part No. - TJ3966T-1.8V

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966T-1.8V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com