Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

402MS8E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 402MS8E
Description  HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

402MS8E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  402MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 6Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 7Page - Hittite Microwave Corporation 402MS8E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 249
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP2 vs. Temperature
@ LO = +17 dBm
Input IP2 vs. LO Drive
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-7
-3
-1
11
150
27
54
30
262
64
48
65
70
381
81
82
81
80
477
81
80
83
82
RF Freq = 1.9 GHz @ -10 dBm
LO Freq = 2.2 GHz @ +17 dBm
All values in dBc relative to the IF power level.
Measured as a downconverter.
Harmonics of LO
nLO Spur @ RF Port
LO Freq (GHz)
1
2
3
4
1.8
40
30
51
57
230
29
51
53
2.2
26
32
51
50
2.4
24
36
53
49
2.6
23
43
59
53
2.8
22
41
51
71
LO = +17 dBm
All values are in dBc below input LO level @ RF port.
*Unless otherwise noted, all measurements performed as a downconverter with high side LO & IF = 300 MHz.
Absolute Maximum Ratings
RF/IF Input
+27 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
IF DC Current
±40 mA
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
20
25
30
35
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
LO = +15 dBm
LO = +16 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
20
25
30
35
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
HMC402MS8 / 402MS8E
HIGH IP3 GaAs MMIC
MIXER, 1.8 - 2.2 GHz
v02.0705


Similar Part No. - 402MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
402MS8E HITTITE-402MS8E Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
More results

Similar Description - 402MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
HMC350MS8 HITTITE-HMC350MS8 Datasheet
211Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com