Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL432AZ Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TL432AZ
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432AZ Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TL432AZ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432AZ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432AZ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432AZ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432AZ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL432AZ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z/AZ/CZ
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATING TABLE1-FREE-AIR TEMPERATURE
ABSOLUTE MAXIMUM RATINGS
(Full Operating Ambient Temperature Range Applies Unless Otherwise Noted)
HTC
TO-92
Operating Temperature
Storage Temperature
1.8㎽/℃
Junction Temperature
IKA
VKA
6.2㎽/℃
3
491㎽
Power Rating
RATING
Power Rating Power Rating
398㎽
Derating Factor
16
100
770㎽
TOPR
TSTG
TA=125℃
MIN.
UNIT
MAX.
VREF
8
20
149㎽
-
SOT-23
230㎽
TJ
-65~+150
CHARACTERISTIC
Cathode Voltage
Continuous Cathode Current Range
Reference Input Current Range
-40 ~ 150
100
SYMBOL
IREF
0 ~ 70
− 3 −
V
UNIT
CHARACTERISTIC
TA=25℃
TA=85℃
SYMBOL
VKA
IK
Above TA=25℃
Cathode Voltage
Power Rating
TA=70℃
Cathode Current
Package
V
-
122㎽
TO-92 PKG = 770
SOT-23 PKG = 230
Total Power Dissipation
PD


Similar Part No. - TL432AZ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432AZ HTC-TL432AZ Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Similar Description - TL432AZ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com