Electronic Components Datasheet Search |
|
HMC424LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation |
|
HMC424LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation |
4 / 6 page For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com 5 5 - 113 Outline Drawing Absolute Maximum Ratings Control Voltage (V1 to V6) Vee - 0.5 Vdc Bias Voltage (Vee) -7 Vdc Channel Temperature 150 °C Thermal Resistance 330 °C/W Storage Temperature -65 to + 150 °C Operating Temperature -55 to +85 °C RF Input Power (0.5 - 13 GHz) +25 dBm ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC424LP3 Low Stress Injection Molded Plastic Sn/Pb Solder MSL1 [1] 424 XXXX HMC424LP3E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] 424 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX Package Information NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN. HMC424LP3E v08.0809 0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz |
Similar Part No. - HMC424LP3E |
|
Similar Description - HMC424LP3E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |