Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ3966RS-1.2V-3L Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966RS-1.2V-3L
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966RS-1.2V-3L Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3966RS-1.2V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3966RS-1.2V-3L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 9
-
HTC
Maximum Output Current Capability
The TJ3966 can deliver a continuous current of 3.0A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages.
A heat sink may be required depending on the maximum power dissipation and maximum ambient
temperature of application. With respect to the applied package, the maximum output current of 3.0A
may be still undeliverable due to the restriction of the power dissipation of TJ3966. Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the
total power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal
resistance of junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
TJ3966 is available in SOP8-PP, TO225, TO263 and TO220 packages. The thermal resistance depends
on amount of copper area or heat sink, and on air flow. If the maximum allowable value of θJA calculated
above is over 175°C/W for SOP8-PP package, over 105 °C/W for TO252 package, over 80 °C/W for
TO263 package, over 70 °C/W for TO220 package, no heat sink is needed since the package can
dissipate enough heat to satisfy these requirements. If the value for allowable θJA falls near or below
these limits, a heat sink or proper area of copper plane is required.
In summary, the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
No heat sink / No air flow / No adjacent heat source / TA = 25°C
Characteristic
Symbol
Rating
Unit
Thermal Resistance Junction-To-Ambient / SOP8-PP
θJA-SOP8-PP
175
°C/W
Thermal Resistance Junction-To-Ambient / TO252
θJA-TO252
105
°C/W
Thermal Resistance Junction-To-Ambient / TO263
θJA-TO263
80
°C/W
Thermal Resistance Junction-To-Ambient / TO220
θJA-TO220
70
°C/W
In case that there is no cooling solution and no heat sink / copper plane area for heat sink, the maximum
allowable power dissipation of each package is as follow;


Similar Part No. - TJ3966RS-1.2V-3L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966RS-1.2V-3L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com