Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ3965T-ADJ-5L Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965T-ADJ-5L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965T-ADJ-5L Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ3965T-ADJ-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965T-ADJ-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 4 -
HTC
(Continued)
Package Type
Root Name
Product Code
TJ 3965
Output Voltage : ADJ / 1.2V / 1.8V / 2.5V / 3.3V / 5.0V
Lead Count : 3L(Fixed Output Only) / 5L / 8L
MD
D
DP
S
RS
R
T
F
: MSOP8
: SOP8
: SOP8-PP
: SOT223
: TO252
: TO263
: TO220
: SOT89
Root Name
G
Blank
: Halogen Free
: Pb Free


Similar Part No. - TJ3965T-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965T-ADJ ETC1-TJ3965T-ADJ Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965T-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com