Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ3965GR-ADJ-5L Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965GR-ADJ-5L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965GR-ADJ-5L Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3965GR-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3965GR-ADJ-5L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 6 -
HTC
TYPICAL APPLICATION
Typical 3 Pin Application
Typical 5 / 8 Pin Application
5 / 8 Pin Remote Load Sense Application
Typical Adjustable Version Application
* TJ3965 can deliver a continuous current of 1.5A over the full operating temperature. However, the output
current is limited by the restriction of power dissipation which differs from packages. A heat sink may be
required depending on the maximum power dissipation and maximum ambient temperature of application.
With respect to the applied package, the maximum output current of 1.5A may be still undeliverable.
* When a Pull-Up resistor is connected between VEN terminal and VEN Signal (or VIN line), the resistance of the
Pull-Up resistor should be kept under 10kΩ.
* See Application Information
VIN
VOUT
TJ3965
EN
SENSE
GND
VIN
VOUT
CIN
68μF
COUT
33μF
VEN
+
-
L
O
A
D
VIN
VOUT
TJ3965
EN
ADJ
GND
VIN
VOUT
CIN
68μF
COUT
33μF
VEN
+
-
R1
R2
VIN
VOUT
TJ3965
EN
SENSE
GND
VIN
VOUT
CIN
68μF
COUT
33μF
VEN
+
-
VIN
VOUT
TJ3965
GND
VIN
VOUT
CIN
68μF
COUT
33μF
+
-
+
-
+
-
+
-
+
-


Similar Part No. - TJ3965GR-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965D-1.2 ETC1-TJ3965D-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965D-1.8 ETC1-TJ3965D-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965D-2.5 ETC1-TJ3965D-2.5 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965D-3.3 ETC1-TJ3965D-3.3 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965GR-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com