Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ4519 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4519
Description  600kHz 3A Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4519 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ4519 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4519 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
600kHz 3A Step-Down Switching Regulator
TJ4519
Jul. 2010 – Preliminary
- 4 -
HTC
ELECTRICAL CHARACTERISTICS
Unless specified: VIN = 12V, VCOMP = 0.8V, VBST = VIN + 5V, EN = tied to VIN, SW = open. TJ = -40°C to 125°C.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Input Voltage
VIN
24
(1)
V
Maximum Switch Current Limit
ISW
TA = 25℃, D = 50%
3.5
5.5
A
Oscillator Frequency
fOSC
500
600
700
kHz
Switch On Voltage Drop
VD(SW)
ISW = 3A
570
mV
VIN Undervoltage Lockout
VUVLO
3.9
4.4
V
VIN UVLO Hysteresis
60
mV
VIN Supply Current
IQ
VFB = 1V
3
5
mA
Standby Current
IQ(OFF)
VEN = 0V
100
150
uA
Feedback Input Current
IFB
-0.25
-1
uA
Feedback Voltage
VFB
0.784
0.8
0.816
V
Feedback Voltage Line Regulation
(2)
4.4V < VIN < 24V
+3
mV/V
FB to VCOMP Voltage Gain
(3)
0.9V ≤ VCOMP ≤ 2.0V
150
350
V/V
FB to VCOMP Transconductance
(3)
∆ICOMP = ±10uA
500
850
1300
uMho
VCOMP Pin Source Current
VFB = 0.6V
70
110
uA
VCOMP Pin Sink Current
VFB = 1.0V
-70
-110
uA
VCOMP Pin to Switch Current
Transconductance
VCOMP = 1.25V
5
A/V
VCOMP Pin
Maximum Switching Threshold
Duty cycle = 0%
0.6
V
VCOMP OCP Threshold
VCOMP rising
2
V
VCOMP Hiccup Retry Threshold
VCOMP falling
0.25
V
Maximum, Switch Duty Cycle
VCOMP = 1.2V, ISW = 400mA
85
%
Minimum Boost Voltage
Above Switch
2.7
V
ISW = 1A
10
15
Boost Current
ISW = 3A
30
45
mA
Enable Input Threshold Voltage
VETH
1.1
1.27
1.5
V
IEOL
EN = 50mV below threshold
8
uA
Enable Output Bias Current
IEOH
EN = 50mV above threshold
10
uA
Notes:
(1) The device may not function properly outside its operating input voltage range.
(2) The required minimum input voltage for a regulated output depends on the output voltage and load condition.
(3) Guaranteed by design.


Similar Part No. - TJ4519

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ4 VISHAY-TJ4 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ4 VISHAY-TJ4 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
logo
Toshiba Semiconductor
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ40S04M3L TOSHIBA-TJ40S04M3L_V01 Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
More results

Similar Description - TJ4519

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P1686 UTC-P1686 Datasheet
180Kb / 6P
   600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
   3A, 21V, 600kHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
   28V 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2583 UTC-P2583 Datasheet
190Kb / 6P
   380KHz, 3A STEP-DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com