Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC420QS16E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC420QS16E
Description  CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC420QS16E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC420QS16E Datasheet HTML 1Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 2Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 3Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 4Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 5Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 6Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 7Page - Hittite Microwave Corporation HMC420QS16E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9
9 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 Ohm impedance while the package
ground leads should be connected directly to the
ground plane similar to that shown. A sufficient
number of via holes should be used to connect
the top and bottom ground planes. The evaluation
circuit board shown is available from Hittite upon
request.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4 - J6
DC Pins
C1
1000 pF Chip Capacitor, 0603 Pkg.
C2, C3, C4
0.01µF Chip Capacitor, 0603 Pkg.
C5
33 pF Chip Capacitor, 0402 Pkg.
C6 [3]
12 pF Chip Capacitor, 0603 Pkg.
L1
330 nH Chip Inductor, 0805 Pkg.
L2 [3]
150 nH Chip Inductor, 0805
L3
6.8 nH Inductor, 0805 Pkg.
R1
6.8 Ohm Resistor, 0603
U1
HMC420QS16 / HMC420QS16E Mixer
PCB [2]
105897 Evaluation Board, 1.100” x 1.100”
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
[3] For 120 MHz IF. See Application Circuit for alternate IF
frequency tuning.
List of Materials for Evaluation PCB 105361 [1]
HMC420QS16 / 420QS16E
v03.0810
CELLULAR RFIC
DOWNCONVERTER, 0.7 - 1.0 GHz


Similar Part No. - HMC420QS16E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
More results

Similar Description - HMC420QS16E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
HMC621LP4 HITTITE-HMC621LP4 Datasheet
703Kb / 8P
   RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com