Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC421QS16 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC421QS16
Description  PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC421QS16 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC421QS16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 4Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 5Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 6Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 7Page - Hittite Microwave Corporation HMC421QS16 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC421QS16 / 421QS16E
PCS/UMTS HIGH IP3 RFIC
DOWNCONVERTER, 1.4 - 2.3 GHz
v04.0810
General Description
Features
Functional Diagram
The HMC421QS16 & HMC421QS16E are high
linearity down-converter receiver ICs suitable for
PCS/UMTS infrastructure applications. The receiver
IC is designed to support UMTS applications where
a high third order intercept point (OIP3) is required.
A passive mixer coupled with a high dynamic range
IF amplifier achieves an Input IP3 of +19 dBm. The
converter provides a gain of 8 dB and 9 dB typical
single side band noise. The IC operates from positive
+5V rails and consumes 60 mA of current. The design
requires no external Baluns. The mixer supports IF
frequencies between 50 MHz and 300 MHz.
Input IP3: +19 dBm
Integrated IF & LO Amps: +10 dBm LO
Conversion Gain: 9 dB
Noise Figure: 9 dB
Single Positive Supply: +5V @ 60 mA
Electrical Specifications, T
A = +25 °C, LO = +10 dBm, Vdd = 5V
Typical Applications
The HMC421QS16 / HMC421QS16E is ideal for:
• GSM, GPRS & EDGE Infrastructure
• CDMA, WCDMA Infrastructure
• PHS & PDC Infrastructure
Parameter
IF= 100 MHz
IF= 250 MHz
IF= 250 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF
1.4 - 1.6
1.7 - 2.0
2.0 - 2.3
GHz
Frequency Range, LO
1.3 - 1.55
1.4 - 1.95
1.7 - 2.25
GHz
Frequency Range, IF*
50 - 100
50 - 300
50 - 300
MHz
Conversion Gain
6
9
7
9
5
8
dB
Noise Figure (SSB)
11
9
9.5
dB
LO to RF Isolation
23
29
28
33
26
32
dB
LO to IF Isolation
35
42
42
52
50
60
dB
RF to IF Isolation
35
42
42
52
50
60
dB
IP3 (Input)
15
18
17
19
17
20
dBm
1 dB Compression (Input)
3
6
4
6.5
4
7
dBm
LO Input Drive Level (Typical)
+8 to +12
+8 to +12
+8 to +12
dBm
Supply Current (Idd for LO & IF)
(IF bias resistor= 6.8 Ohms)
84
105
84
105
84
105
mA
* If matching must be tuned for optimal results, see application circuit herein.


Similar Part No. - HMC421QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
More results

Similar Description - HMC421QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com