Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ2996D Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2996D
Description  DDR Termination Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2996D Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ2996D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2996D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DDR Termination Regulator
TJ2996
Jul. 2010 - Rev. 1.5.3
4/14
HTC
Note 2. At elevated temperatures, devices must be derated based on thermal resistance. The device in the SOP8 package must be
derated at θJA = 165˚ C/W junction to ambient with no heat sink.
Note 3. Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation.
Note 4. VIN is defined as VIN = AVIN = PVIN
Note 5. Quiescent current defined as the current flow into AVIN.
Note 6. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction to ambient
thermal resistance, θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause
excessive die temperature and the regulator will go into thermal shutdown.
Note 7. VTT load regulation is tested by using a 10 ms current pulse and measuring VTT.
Note 8. In the case of AVIN > 2.5V, minimum enable high level is AVIN * 0.7.
TYPICAL OPERATING CHARACTERISTICS
AVIN : 2.0V/div, VDDQ/PVIN : 1.0V/div, VREF : 500mV/div, VTT: 500mV/div, Time : 10ms/div
AVIN : 2.0V/div, VDDQ/PVIN : 1.0V/div, VREF : 500mV/div, VTT : 500mV/div, Time : 10ms/div
Start Up
Shut Down
AVIN : 2.0V/div, VDDQ/PVIN : 2.0V/div, EN : 2.0V/div, VTT : 500mV/div, Time : 10ms/div
AVIN : 2.0V/div, VDDQ/PVIN : 2.0V/div, EN : 2.0V/div, VTT : 500mV/div, Time : 10ms/div
Start Up by EN
Shut Down by EN


Similar Part No. - TJ2996D

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
TJ2995D HTC-TJ2995D Datasheet
632Kb / 9P
   DDR Termination Regulator
TJ2995DP HTC-TJ2995DP Datasheet
632Kb / 9P
   DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
TJ2997GD HTC-TJ2997GD Datasheet
410Kb / 13P
   DDR Termination Regulator
More results

Similar Description - TJ2996D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com