Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

411MS8GE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 411MS8GE
Description  GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

411MS8GE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  411MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 411MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 411MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 411MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 411MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 411MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 260
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC411MS8G / 411MS8GE
GaAs MMIC SINGLE-BALANCED
MIXER, 10 - 15 GHz
v02.0607
General Description
Features
Functional Diagram
The HMC411MS8G & HMC411MS8GE are passive
single balanced mixers that operates between 10
GHz and 15 GHz. The HMC411MS8G(E) operate with
LO drive levels between +9 dBm and +15 dBm, and
provide 9 dB conversion loss across the entire speci-
fied frequency band. These mixers require no external
components or bias.
Conversion Loss: 9 dB
LO/RF Isolation: 27 dB
LO/IF Isolation: 30 dB
Input IP3: +16 dBm
No External Components
MSOP8G SMT Package
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC411MS8G / HMC411MS8GE is ideal for:
• Long Haul Radio Platforms
• Microwave Radio
• VSAT
Parameter
IF = 1.45 GHz
LO = +13 dBm
Units
Min.
Typ.
Max.
Frequency Range, RF & LO
10.0 - 15.0
GHz
Frequency Range, IF
DC - 3
GHz
Conversion Loss
912
dB
Noise Figure (SSB)
912
dB
LO to RF Isolation
20
27
dB
LO to IF Isolation
20
30
dB
RF to IF Isolation
8
15 - 20
dB
IP3 (Input)
11
16
dBm
1 dB Compression (Input)
5
9
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF= 1.45 GHz.


Similar Part No. - 411MS8GE

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
   Slave Digital Alarm Communicator Transmitter
logo
Willow Technologies Ltd
411 WILLOW-411 Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
3M Electronics
411 3M-411 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
Marathon Special Produc...
411 MARATHON-411 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Marl International Limi...
411-000-22-50 MARL-411-000-22-50 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results

Similar Description - 411MS8GE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
   GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
   15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
HMC142C8 HITTITE-HMC142C8_08 Datasheet
263Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
logo
Analog Devices
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
   10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
HMC554ALC3B AD-HMC554ALC3B Datasheet
420Kb / 26P
   10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC171C8 HITTITE-HMC171C8_08 Datasheet
231Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 7 - 10 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com