Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM29151T-3.0 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM29151T-3.0
Description  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151T-3.0 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM29151T-3.0 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151T-3.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 3
-
HTC
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
TO-220 3L
LM29150T-5.0
1.5A, Fixed
Tube
Active
TO-220 5L
LM29151T-5.0
1.5A, Fixed, Enable
Tube
Active
TO-263 3L
LM29150R-5.0
1.5A, Fixed
Reel
Active
TO-263 5L
LM29151R-5.0
1.5A, Fixed, Enable
Reel
Active
TO-252 3L
LM29150RS-5.0
1.5A, Fixed
Reel
Active
5.0 V
TO-252 5L
LM29151RS-5.0
1.5A, Fixed, Enable
Reel
Active
TO-220 3L
LM29150T-12
1.5A, Fixed
Tube
Active
TO-220 5L
LM29151T-12
1.5A, Fixed, Enable
Tube
Active
TO-263 3L
LM29150R-12
1.5A, Fixed
Reel
Active
TO-263 5L
LM29151R-12
1.5A, Fixed, Enable
Reel
Active
TO-252 3L
LM29150RS-12
1.5A, Fixed
Reel
Active
12 V
TO-252 5L
LM29151RS-12
1.5A, Fixed, Enable
Reel
Active
TO-220 5L
LM29152T
1.5A, Adjustable, Enable
Tube
Active
TO-263 5L
LM29152R
1.5A, Adjustable, Enable
Reel
Active
ADJ
TO-252 5L
LM29152RS
1.5A, Adjustable, Enable
Reel
Active
Package Type
Root Name
Product Code
LM 2915X
Output Voltage : 1.5V / 1.8V / 2.5V / 3.0V / 3.3V / 5.0V /
12V / Blank(ADJ Only)
T
R
RS
: TO-220
: TO-263
: TO-252
29150 : 3L Fixed Output
29151 : 5L Fixed Output
29152 : 5L Adjustable Output


Similar Part No. - LM29151T-3.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29151T-3.0 HTC-LM29151T-3.0 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151T-3.0 HTC-LM29151T-3.0 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM29151T-3.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com