Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 409LP4E
Description  GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

409LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  409LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 409LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 6
Application Circuit
recommended Component Values
C1 - C5
100pf
C6 - C7
1000pf
C8
10 pf
C9
0.5 pf
C10
1.6 pf
C11
4.7µf
l1, l2
3.9 nH
l3
2.2 nH
r1
56 ohm
Tl1
Tl2
Tl3
impedance
50 ohm
27 ohm
50 ohm
physical length
0.068”
0.062”
0.164”
electrical length
12˚
11˚
29˚
pCB material: 10 mil rogers 4350, er = 3.48
HMC409LP4 / 409LP4E
GaAs InGaP HBT 1 WATT
POWER AMPLIFIER, 3.3 - 3.8 GHz
v03.0710


Similar Part No. - 409LP4E

ManufacturerPart #DatasheetDescription
logo
3M Electronics
409 3M-409 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
Marathon Special Produc...
409 MARATHON-409 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
TE Connectivity Ltd
409-10012 TEC-409-10012 Datasheet
671Kb / 26P
   AMP-O-MATIC Side-Feed Stripper-Crimper
logo
Tyco Electronics
409-10029 MACOM-409-10029 Datasheet
1Mb / 31P
   When reading this manual, pay particular attention to DANGER, CAUTION, and NOTE statements.
409-10039 MACOM-409-10039 Datasheet
328Kb / 15P
   Micro Pneumatic Tooling
More results

Similar Description - 409LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC327MS8G HITTITE-HMC327MS8G_09 Datasheet
214Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
logo
Analog Devices
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com