Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC396 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC396
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC396 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC396_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC396_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC396_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC396_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC396_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC396_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
2 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC396
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 8 GHz
v02.0109
General Description
Features
Functional Diagram
The HMC396 die is a GaAs InGaP Heterojunction
Bipolar Transistor (HBT) Gain Block MMIC DC to
8 GHz amplifier. This amplifier can be used as either
a cascadable 50 Ohm gain stage or to drive the LO
of HMC mixers with up to +16 dBm output power. The
HMC396 offers 12 dB of gain and an output IP3 of
+30 dBm while requiring only 56 mA from a +5V supply.
The Darlington feedback pair used results in reduced
sensitivity to normal process variations and yields
excellent gain stability over temperature while requir-
ing a minimal number of external bias components.
The HMC396 can easily be integrated into Multi-Chip-
Modules (MCMs) due to its small (0.22mm2) size. All
data is with the chip in a 50 Ohm test fixture connected
via 0.025mm (1 mil) diameter wire bonds of minimal
length 0.5mm (20 mils).
Gain: 12 dB
P1dB Output Power: +14 dBm
Stable Gain Over Temperature
50 Ohm I/O’s
Small Size: 0.38 x 0.58 x 0.1 mm
Typical Applications
An excellent cascadable 50 Ohm
Gain Block or LO Driver for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom
Electrical Specifications, Vs= +5.0V, Rbias= 22 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 4.0 GHz
4.0 - 8.0 GHz
12
11
dB
dB
Gain Variation Over Temperature
DC - 4.0 GHz
4.0 - 8.0 GHz
0.004
0.015
dB/ °C
dB/ °C
Input Return Loss
DC - 4.0 GHz
4.0 - 8.0 GHz
15
12
dB
dB
Output Return Loss
DC - 4.0 GHz
4.0 - 8.0 GHz
19
17
dB
dB
Reverse Isolation
DC - 8.0 GHz
16
dB
Output Power for 1 dB Compression (P1dB)
DC - 4.0 GHz
4.0 - 8.0 GHz
14
13
dBm
dBm
Output Third Order Intercept (IP3)
DC - 4.0 GHz
4.0 - 8.0 GHz
30
24
dBm
dBm
Noise Figure
DC - 8.0 GHz
6
dB
Supply Current (Icq)
56
mA
Note: Data taken with broadband bias tee on device output.


Similar Part No. - HMC396_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396_07 Datasheet
199Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
More results

Similar Description - HMC396_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396_07 Datasheet
199Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC311SC70 HITTITE-HMC311SC70 Datasheet
306Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Analog Devices
HMC311SC70 AD-HMC311SC70_17 Datasheet
314Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com