Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC361S8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC361S8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC361S8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC361S8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
6 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
RF Input (Vcc = +5V)
+13 dBm
Vcc
+5.5V
VLogic
Vcc -1.6V to Vcc -1.2V
Junction Temperature (T
J)135 °C
Continuous Pdiss (T = 85 °C)
(derate 15.9 mW/°C above 85 °C)
0.79 W
Thermal Resistance (R
TH)
(junction to ground paddle)
63 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vcc (V)
Icc (mA)
4.75
74
5.0
83
5.25
89
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC361S8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H361
XXXX
HMC361S8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H361
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC361S8G / 361S8GE
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 10 GHz
v06.1008
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
-500
-300
-100
100
300
500
22.7
23.1
23.5
23.9
24.3
24.7
TIME (nS)


Similar Part No. - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC361S8G HITTITE-HMC361S8G Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
   Satellite communication systems
HMC361S8GE AD-HMC361S8GE Datasheet
385Kb / 6P
   Satellite communication systems
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
More results

Similar Description - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364S8G HITTITE-HMC364S8G_09 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC492LP3 HITTITE-HMC492LP3 Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC361S8G HITTITE-HMC361S8G Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
logo
Analog Devices
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com