Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC347G8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC347G8
Description  GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC347G8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC347G8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC347G8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC347G8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC347G8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC347G8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC347G8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10
10 - 221
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Third Order Intercept Point
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss
Isolation
HMC347G8
GaAs MMIC HERMETIC SMT SPDT
SWITCH, DC - 8 GHz
v02.0605
-5
-4
-3
-2
-1
0
0
1234
5
6
789
10
+ 25C
+ 85C
- 40C
FREQUENCY (GHz)
10
15
20
25
30
02
46
8
10
1 dB Compression Point
0.1 dB Compression Point
FREQUENCY (GHz)
30
35
40
45
50
02
46
8
10
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
123
456
7
8
9
10
RFC
RF1, RF2 ON
RF1, RF2 OFF
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0
123
456
7
8
9
10
RF1
RF2
FREQUENCY (GHz)


Similar Part No. - HMC347G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347G8 HITTITE-HMC347G8_06 Datasheet
228Kb / 6P
   GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
More results

Similar Description - HMC347G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347G8 HITTITE-HMC347G8_06 Datasheet
228Kb / 6P
   GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC347G8 HITTITE-HMC347G8 Datasheet
182Kb / 6P
   GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
   GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC132C8 HITTITE-HMC132C8_01 Datasheet
135Kb / 6P
   GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8_08 Datasheet
178Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8 Datasheet
273Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G_08 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
logo
Analog Devices
HMC270AMS8GE AD-HMC270AMS8GE Datasheet
504Kb / 5P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC -8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com