Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC336MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC336MS8G
Description  GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC336MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC336MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC336MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC336MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC336MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC336MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC336MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
10 - 188
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC336MS8G / 336MS8GE
GaAs MMIC SPDT NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC* - 6 GHz
v03.0607
Pin Number
Function
Description
Interface Schematic
1
CTLA
See truth table and control voltage table.
2
CTLB
See truth table and control voltage table.
3, 5, 8
RFC, RF1, RF2
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required.
4VDD
Supply Voltage. This pin may be left floating with degradation
of power performance by approximately 1.5 dB.
6, 7
GND
Package bottom has exposed metal paddle that must also be
connected to PCB RF ground.
Pin Descriptions


Similar Part No. - HMC336MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC336MS8G HITTITE-HMC336MS8G Datasheet
176Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 6.0 GHz
HMC336MS8G HITTITE-HMC336MS8G Datasheet
205Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 6.0 GHz
HMC336MS8G HITTITE-HMC336MS8G_07 Datasheet
205Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 6.0 GHz
More results

Similar Description - HMC336MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC336MS8G HITTITE-HMC336MS8G_07 Datasheet
205Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 6.0 GHz
HMC336MS8G HITTITE-HMC336MS8G Datasheet
176Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 6.0 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
logo
Analog Devices
HMC321ALP4E AD-HMC321ALP4E Datasheet
868Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
HMC345ALP3E AD-HMC345ALP3E Datasheet
497Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com