Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

334LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 334LP4E
Description  SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

334LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  334LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9
9 - 43
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1VccLO
Supply for LO Amplifier.
Draws approximately 120mA from VSLO.
A 13 Ohm resistor (R1) must be connected
externally between the VSLO supply and the
VccLO pin. See evaluation PCB schematic.
2, 5, 8, 11,
14, 17, 20, 23
GND
These pins and the ground paddle should be
connected to a high quality RF/DC ground.
3LOP
LO Input Port. This pin needs a DC blocking capacitor.
(Typical voltage on this pin will be 1.5 - 1.8V)
4LON
For single ended applications, this pin should be AC
grounded
6, 7, 12,
21, 22, 24
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
9, 10
IFN, IFP
Differential baseband outputs, 200 ohm differential output
impedance. Each port should draw approximately 25mA
from VSIF without LO power and 28mA from VSIF with LO
power on.
For single-ended 50 Ohm operation, port J2 or J3 should be
shorted to RF/DC ground. See evaluation PCB schematic.
13, 18
CTRF
Center tap of the RF transformer. Biased at 2.2V when con-
nected to ground through two 91 ohm resistors.
15
GNDRF
Pin to be connected to a high quality RF/DC ground. Also
can be used to drive the RF port differentially if needed.
16
RF
50 Ohms impedance can be matched
from 600 - 3000 MHz.
19
VccIF
Supply decoupling for the mixer stage.
(Typical voltage on this pin will be 4.8V)
Connect C3 to a high quality RF/DC
ground per evaluation PCB schematic.
HMC334LP4 / 334LP4E
v03.0410
SiGe WIDEBAND
DOWNCONVERTER, 0.6 - 2.7 GHz


Similar Part No. - 334LP4E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
334LC2700K5HM6 ILLINOISCAPACITOR-334LC2700K5HM6 Datasheet
610Kb / 3P
   High AC Voltage - High current
334LC3700K5LM8 ILLINOISCAPACITOR-334LC3700K5LM8 Datasheet
943Kb / 4P
   High AC Voltage - High current
334LC3700KL505HM6 ILLINOISCAPACITOR-334LC3700KL505HM6 Datasheet
943Kb / 4P
   High AC Voltage - High current
334LC4102K5LM8 ILLINOISCAPACITOR-334LC4102K5LM8 Datasheet
630Kb / 3P
   High AC Voltage - High current
334LC6102K5PM8 ILLINOISCAPACITOR-334LC6102K5PM8 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results

Similar Description - 334LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
   1.9 - 2.7 GHz Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
   3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com