Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC376LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC376LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC376LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC376LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC376LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC376LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC376LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC376LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC376LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 3
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
HMC376LP3 / 376LP3E
v01.0610
P1dB vs. Temperature @ Idd = 73 mA
Psat vs. Temperature @ Idd = 73 mA
Output IP3 vs. Temperature @ Idd = 73 mA
15
17
19
21
23
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
30
32
34
36
38
40
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
15
17
19
21
23
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Gain, Noise Figure &
Power vs. Supply Current @ 900 MHz
12
14
16
18
20
22
24
0.4
0.6
0.8
1
60
70
80
90
100
110
120
GAIN
P1dB
Noise figure
SUPPLY CURRENT (mA)
Typical Supply Current vs. Vdd
with Rbias = 10 Ohms
Vdd (Vdc)
Idd (mA)
+4.5
73.0
+5.0
73.4
+5.5
73.6
Drain Bias Voltage (Vdd)
+8.0 Vdc
RF Input Power (RFIN)(Vs = +5.0 Vdc)
+15 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 11.83 mW/°C above 85 °C)
0.769 W
Thermal Resistance
(channel to ground paddle)
84.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
Idd (mA)
Rbias (Ohms)
60
12
70
10
80
9.1
100
6.8
120
5.1
Recommended Bias Resistor Values
for Various Idd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC376LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
logo
Analog Devices
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC376LP3E HITTITE-HMC376LP3E Datasheet
278Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
logo
Analog Devices
HMC376LP3E AD-HMC376LP3E Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC376LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_10 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC758LP3 HITTITE-HMC758LP3_10 Datasheet
1Mb / 8P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com