Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC383 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC383
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC383 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC383_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC383_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC383_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC383_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC383_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC383_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
3 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+5.5 Vdc
RF Input Power (RFIN)(Vdd = +5.0 Vdc)
+10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 9.9 mW/°C above 85 °C)
0.89 W
Thermal Resistance
(channel to die bottom)
101.0 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (V)
Idd (mA)
+4.5
100
+5.0
101
+5.5
102
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown above
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC383
v02.0907
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 12 - 30 GHz
Outline Drawing
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
8. OVERALL DIE SIZE ± .002


Similar Part No. - HMC383_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC383LC4 HITTITE-HMC383LC4 Datasheet
245Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
HMC383LC4 HITTITE-HMC383LC4 Datasheet
332Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
logo
Analog Devices
HMC383LC4 AD-HMC383LC4 Datasheet
372Kb / 6P
   GaAs PHEMT MMIC MEDIUM
logo
Hittite Microwave Corpo...
HMC383LC4 HITTITE-HMC383LC4_08 Datasheet
245Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
More results

Similar Description - HMC383_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC383LC4 HITTITE-HMC383LC4_08 Datasheet
245Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
HMC383 HITTITE-HMC383 Datasheet
360Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
HMC383LC4 HITTITE-HMC383LC4 Datasheet
332Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com