Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC374E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC374E
Description  SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC374E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC374E Datasheet HTML 1Page - Hittite Microwave Corporation HMC374E Datasheet HTML 2Page - Hittite Microwave Corporation HMC374E Datasheet HTML 3Page - Hittite Microwave Corporation HMC374E Datasheet HTML 4Page - Hittite Microwave Corporation HMC374E Datasheet HTML 5Page - Hittite Microwave Corporation HMC374E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 63
Outline Drawing
Absolute Maximum Ratings
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Drain Bias Voltage (Vdd)
+7.0 Vdc
RF Input Power (RFIN)(Vdd = +5.0 Vdc)
15 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 7.5 mW/°C above 85 °C)
0.488 W
Thermal Resistance
(channel to lead)
133 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vdd
Vdd (V)
Idd (mA)
2.7
89
3.0
89
5.0
90
5.5
90
HMC374 / 374E
SMT PHEMT LOW NOISE
AMPLIFIER, 0.3 - 3.0 GHz
v00.0405
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC374
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H374
XXXX
HMC374E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
374E
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC374E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
logo
Analog Devices
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
   GaAs pHEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC374E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
   SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC516LC5 HITTITE-HMC516LC5_09 Datasheet
219Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
HMC516LC5 HITTITE-HMC516LC5 Datasheet
245Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Analog Devices
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
   SMT pHEMT LOW NOISE AMPLIFIER,
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com