Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC368LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC368LP4
Description  SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC368LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC368LP4_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC368LP4_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC368LP4_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC368LP4_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC368LP4_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC368LP4_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7
7 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
List of Materials for Evaluation PCB 107846 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J7
DC Pin
C1 - C4
100 pF capacitor, 0402 Pkg.
C5 - C8
2.2 μF capacitor, case size A
U1
HMC368LP4 / HMC368LP4E Amp-x2-Amp
PCB [2]
107844 PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines should have 50 ohm imped-
ance while the package ground leads and exposed
paddle should be connected directly to the ground
plane similar to that shown. The evaluation circuit
board shown is available from Hittite upon request.
SMT GaAs PHEMT MMIC
AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
v03.0705
HMC368LP4 / 368LP4E


Similar Part No. - HMC368LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4_06 Datasheet
381Kb / 6P
   SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
More results

Similar Description - HMC368LP4_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC368LP4 AD-HMC368LP4 Datasheet
379Kb / 6P
   SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4_06 Datasheet
381Kb / 6P
   SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
HMC368LP4 HITTITE-HMC368LP4 Datasheet
311Kb / 6P
   SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
HMC157C8 HITTITE-HMC157C8 Datasheet
69Kb / 4P
   GaAs MMIC SMT FREQUENCY DOUBLER 1 - 2 GHz INPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com