Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC349MS8G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC349MS8G
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC349MS8G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC349MS8G_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC349MS8G_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC349MS8G_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC349MS8G_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC349MS8G_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC349MS8G_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 244
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC349MS8G / 349MS8GE
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 4 GHz
v02.0607
General Description
Features
Functional Diagram
High Isolation: 70 dB @ 1 GHz
57 dB @ 2 GHz
Single Positive Control: 0/+5V
+52 dBm Input IP3
Non-Reflective Design
All Off State
Ultra Small MS8G SMT Package: 14.8 mm2
Included in the HMC-DK005 Designer’s Kit
Typical Applications
The HMC349MS8G / HMC349MS8GE is ideal for:
• Basestation Infrastructure
• MMDS & 3.5 GHz WLL
• CATV/CMTS
• Test Instrumentation
The HMC349MS8G & HMC349MS8GE are high
isolation non-reflective DC to 4 GHz GaAs MESFET
SPDT switches in low cost 8 lead MSOP8G surface
mount packages with exposed ground paddles.
The switch is ideal for cellular/PCS/3G basestation
applications yielding 50 to 60 dB isolation, low
0.8 dB insertion loss and +52 dBm input IP3. Power
handling is excellent up through the 3.5 GHz WLL
band with the switch offering a P1dB compression
point of +31 dBm. On-chip circuitry allows a single
positive voltage control of 0/+5 Volts at very low DC
currents. An enable input (EN) set to logic high will
put the switch in an “all off” state.
Electrical Specifications, T
A = +25° C, Vctl =
0/+5 Vdc, Vdd = +5 Vdc, 50 Ohm System
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
DC - 4.0 GHz
0.8
0.9
1.2
1.8
1.1
1.2
1.5
2.1
dB
dB
dB
dB
Isolation (RFC to RF1/RF2)
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
DC - 4.0 GHz
60
54
45
42
70
57
50
47
dB
dB
dB
dB
Return Loss (On State)
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
DC - 4.0 GHz
23
18
13
8
dB
dB
dB
dB
Return Loss (Off State)
0.5 - 2.0 GHz
0.5 - 3.0 GHz
0.5 - 4.0 GHz
20
17
14
dB
dB
dB
Input Power for 1 dB Compression
0.25 - 4.0 GHz
27
31
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.25 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
53
50
49
47
dBm
dBm
dBm
dBm
Switching Speed
DC - 4.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
40
120
ns
ns


Similar Part No. - HMC349MS8G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC349MS8G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Analog Devices
HMC849ALP4CE AD-HMC849ALP4CE Datasheet
566Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com