Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC349LP4C Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC349LP4C
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC349LP4C Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC349LP4C Datasheet HTML 1Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 2Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 3Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 4Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 5Page - Hittite Microwave Corporation HMC349LP4C Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
10 - 242
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1Vdd
Supply Voltage.
2
Vctl
Control input. See truth and control voltage tables.
3, 9, 12
RFC, RF1, RF2
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
4, 6, 7, 8,
13, 14, 15, 16
N/C
No connection. These pins may be connected to RF
ground. Performance will not be affected.
5
EN
Enable. See truth and control voltage tables.
10, 11
GND
Package bottom must also be connected to
PCB RF ground.
HMC349LP4C / 349LP4CE
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 4 GHz
v02.1205


Similar Part No. - HMC349LP4C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC349LP4C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G_08 Datasheet
219Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Analog Devices
HMC849ALP4CE AD-HMC849ALP4CE Datasheet
566Kb / 8P
   HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com